Part Number Hot Search : 
MOC3009X AX690 PU61C56 7XS40D5 4069UB N5929BRL 37800 2SA1025
Product Description
Full Text Search
 

To Download BLV92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BLV92 UHF power transistor
Product specification March 1993
Philips Semiconductors
Product specification
UHF power transistor
DESCRIPTION N-P-N silicon planar epitaxial transistor primarily intended for use in mobile radio transmitters in the 900 MHz communications band. FEATURES
BLV92
* multi-base structure and emitter-ballasting resistors for an optimum temperature profile * internal input matching to achieve an optimum wideband capability and high power gain * gold metallization ensures excellent reliability. The transistor has a 6-lead flange envelope with a ceramic cap (SOT-171). All leads are isolated from the flange.
QUICK REFERENCE DATA R.F. performance at Th = 25 C in a common-emitter class-B test circuit MODE OF OPERATION VCE V 12,5 9,6 f MHz 900 900 PL W 4 3 > typ. GP dB 7,5 7,3 > typ. C % 50 56
narrow band; c.w.
PINNING - SOT171A PIN 1 2 3 4 5 6 SYMBOL e e b c e e DESCRIPTION
handbook, halfpage
emitter emitter base collector emitter emitter
Top view
2
4
6
c b
1
3
5
MAM141
e
Fig.1 Simplified outline and symbol.
WARNING Product and environmental safety - toxic materials This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged. All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of the user. It must never be thrown out with the general or domestic waste.
March 1993
2
Philips Semiconductors
Product specification
UHF power transistor
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Collector-base voltage (open emitter) peak value Collector-emitter voltage (open base) Emitter-base voltage (open collector) Collector current d.c. or average (peak value); f > 1 MHz Total power dissipation at Tmb = 94 C at Tmb = 94 C; f > 1 MHz Storage temperature Operating junction temperature Ptot(dc) Ptot(rf) Tstg Tj max. max. max. IC ICM max. max. VCBOM VCEO VEBO max. max. max.
BLV92
36 V 16 V 3V 0,8 A 2,4 A 9W 12 W 200 C
-65 to + 150 C
handbook, halfpage
10
MDA408
handbook, halfpage
20
MDA409
Ptot
IC (A)
(W) 16
III
12 1 Th = 90 C 8
II I
4
10-1
1
10
VCE (V)
102
0 0 50 100 150 Th (C) 200
Rth mb-h = 0,4 K/W.
I Continuous operation II Continuous operation (f > 1 MHz) III Short-time operation during mismatch; (f > 1 MHz)
Fig.2 D.C. SOAR.
Fig.3 Power/temperature derating curves.
THERMAL RESISTANCE Dissipation = 6 W; Tmb = 128 C From junction to mounting base (d.c. dissipation) (r.f. dissipation) From mounting base to heatsink March 1993 3 Rth j-mb(dc) Rth j-mb(rf) Rth mb-h max. max. max. 12 K/W 9 K/W 0,4 K/W
Philips Semiconductors
Product specification
UHF power transistor
CHARACTERISTICS Tj = 25 C unless otherwise specified Collector-base breakdown voltage, open emitter; IC = 10 mA Collector-emitter breakdown voltage, open base; IC = 20 mA Emitter-base breakdown voltage, open collector; IE = 1 mA Collector cut-off current, VBE = 0; VCE = 16 V Second breakdown energy, L = 25 mH; f = 50 Hz; RBE = 10 D.C. current gain, IC = 0,6 A; VCE = 10 V Transition frequency at f = 500 MHz(1), -IE = 0,6 A; VCE = 12,5 V Collector capacitance at f = 1 MHz, IE = ie = 0; VCB = 12,5 V Feed-back capacitance at f = 1 MHz, IC = 0; VCE = 12,5 V Collector-flange capacitance Note 1. Measured under pulse conditions: tp = 50 s; < 1%. V(BR)CBO V(BR)CEO V(BR)EBO ICES ESBR hFE fT Cc Cre Ccf > > > < > > typ. typ. typ. typ.
BLV92
36 V 16 V 3V 5 mA 1 mJ 25 4 GHz 8 pF 5 pF 2 pF
handbook, halfpage
100
MDA410
handbook, halfpage
5
MDA411
hFE 80 12.5 V
fT
(GHz) 4
60
VCE = 10 V
3
40
2
20
1
0 0 0.4 0.8 1.2 1.6 IC (A) 2
0 0
-0.4
-0.8
-1.2
-1.6 IE (A)
-2
Fig.4 Tj = 25 C; typical values.
Fig.5
VCB = 12,5 V; f = 500 MHz; Tj = 25 C; typical values.
March 1993
4
Philips Semiconductors
Product specification
UHF power transistor
BLV92
handbook, halfpage
16
MDA412
Cc (pF) 12
8
4
0 0 4 8 12 VCB (V) 16
Fig.6 IE = ie = 0; f = 1 MHz; typical values.
APPLICATION INFORMATION R.F. performance in c.w. operation (common-emitter circuit; class-B): f = 900 MHz; Th = 25 C. MODE OF OPERATION VCE V 12,5 9,6 PL W 4 3 < typ. typ. PS W 0,71 0,57 0,56 > GP dB 7,5 < typ. typ. typ. 8,5 typ. 7,3 IC A 0,64 0,56 0,56 > C % 50 typ. 57 typ. 56
narrow band; c.w.
handbook, full pagewidth
C1 50
,,,,,, ,,,,,,, ,,,,,, ,,,,,,,
C5 T.U.T. C6 C8 L1 L2 L3 L4 L5 L6 L7 C2 C3 C4 C7 C9 C10 L8 L9 C13 L11 R1 L10 R2 C14
C12 50
C11
+VCC C15
MDA413
Fig.7 Class-B test circuit at f = 900 MHz.
March 1993
5
Philips Semiconductors
Product specification
UHF power transistor
List of components: C1 C2 C4 C6 = C12 = 33 pF multilayer ceramic chip capacitor = C3 = C10 = C11 = 1,4 to 5,5 pF film dielectric trimmer (cat. no. 2222 809 09001) = C5 = 3,9 pF multilayer ceramic chip capacitor(1) = C7 = C8 = C9 = 6,2 pF multilayer ceramic chip capacitor(1)
BLV92
C13 = 10 pF ceramic feed-through capacitor C14 = 6,8 F (63 V) electrolytic capacitor C15 = 330 pF ceramic feed-through capacitor L1 L2 L3 L4 L5 L6 L7 L8 L9 R1 = 50 stripline (29,5 mm x 2,4 mm) = 50 stripline (5,5 mm x 2,4 mm) = 42,7 stripline (16,8 mm x 3,0 mm) = 42,7 stripline (7,5 mm x 3,0 mm) = 42,7 stripline (2,0 mm x 3,0 mm) = 50 stripline (8,5 mm x 2,4 mm) = 50 stripline (28,0 mm x 2,4 mm) = 60 nH; 4 turns closely wound enamelled Cu-wire (0,4 mm); int. dia. 3 mm; leads 2 x 5 mm = 45 nH; 4 turns enamelled Cu-wire (1,0 mm); length 6 mm; int. dia. 4 mm; leads 2 x 5 mm = R2 = 10 10%; 0,25 W, metal film resistor
L10 = L11 = Ferroxcube wideband h.f. choke, grade 3B (cat. no. 4312 020 36642) L1 to L7 are striplines on a double Cu-clad printed circuit board with P.T.F.E. fibre-glass dielectric (r = 2,2); thickness 132 inch. Note 1. American Technical Ceramics capacitors type 100A or capacitor of same quality.
March 1993
6
Philips Semiconductors
Product specification
UHF power transistor
BLV92
handbook, full pagewidth
128 mm
copper straps
80 mm
+VCC
C15 L10 R1 L8 C5 C1 L1 C3 C3 L2 C4 L3 C7 L5 L4 C6 L6 C9 C10 C14 R2 L11
L9 C8
C13 C12 L7 C11
MDA414
The circuit and the components are on one side of the P.T.F.E. fibre-glass board; the other side is unetched copper serving as ground plane. Earth connections are made by fixing screws and copper straps around the board and under the emitters to provide a direct contact between the copper on the component side and the ground plane.
Fig.8 Printed circuit board and component lay-out for 900 MHz class-B test circuit.
March 1993
7
Philips Semiconductors
Product specification
UHF power transistor
BLV92
handbook, halfpage
5
MDA415
PL
handbook, halfpage
10 Gp
MDA416
(W) 4
(dB) 8 Gp
100 C (%) 80
3
6
60 C 40
2
4
1
2
20
0 0 0.4 0.8 1.2 PS (W) 1.6
0 0 1 2 3 4 PL (W) VCE = 9,6 V; f = 900 MHz; Th = 25 C; class-B operation; typical values. 5
0
VCE = 9,6 V; f = 900 MHz; Th = 25 C; class-B operation; typical values.
Fig.9 Load power vs. source power.
Fig.10 Power gain and efficiency vs. load power.
handbook, halfpage
8
MDA417
handbook, halfpage
PL (W) 6
10 Gp
MDA418
100 C (%) 80 Gp C 40
(dB) 8
6 4 4
60
2 2 20
0 0 0.4 0.8 1.2 1.6 2 PS (W)
0 0 2 4 6 PL (W) 8
0
VCE = 12,5 V; f = 900 MHz; Th = 25 C; class-B operation; typical values.
VCE = 12,5 V; f = 900 MHz; Th = 25 C; class-B operation; typical values.
Fig.11 Load power vs. source power.
Fig.12 Power gain and efficiency vs. load power.
March 1993
8
Philips Semiconductors
Product specification
UHF power transistor
RUGGEDNESS The device is capable of withstanding a full load mismatch (VSWR = 50; all phases) at rated load power up to a supply voltage of 15,5 V and at Th = 25 C.
BLV92
handbook, halfpage
8
MDA419
Zi () 6
ri
4
2
xi
0 800
840
880
920
960 1000 f (MHz)
VCE = 12,5 V; PL = 4 W; f = 800-960 MHz; Th = 25 C; class-B operation; typical values.
Fig.13 Input impedance (series components).
handbook, halfpage
12
MDA420
handbook, halfpage
ZL () 9 RL
10 Gp 8
MDA421
(dB)
6 6 4 3 XL 2
0 800
840
880
920
960 1000 f (MHz)
0 800
850
900
950
1000 f (MHz)
VCE = 12,5 V; PL = 4 W; f = 800-960 MHz; Th = 25 C; class-B operation; typical values.
VCE = 12,5 V; PL = 4 W; f = 800-960 MHz; Th = 25 C; class-B operation; typical values.
Fig.14 Load impedance (series components).
Fig.15 Power gain vs. frequency.
March 1993
9
Philips Semiconductors
Product specification
UHF power transistor
PACKAGE OUTLINE Flanged ceramic package; 2 mounting holes; 6 leads
BLV92
SOT171A
D
A F D1
U1 q H1 b1 C w2 M C
B
c
2
4
6
H
U2
E1
E
A
1
3
5
b e
p w3 M
w1 M A B Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 6.81 6.07 b 2.15 1.85 b1 3.20 2.89 c 0.16 0.07 D 9.25 9.04 D1 9.30 8.99 E 5.95 5.74 E1 6.00 5.70 e 3.58 F H H1 p 3.43 3.17 Q q U1 U2 w1 0.51 w2 1.02 0.04 w3 0.26 0.01
3.05 11.31 9.27 2.54 10.54 9.01
4.32 24.90 6.00 18.42 4.11 24.63 5.70
0.268 0.085 0.126 0.006 0.364 0.366 0.234 0.236 0.120 0.445 0.365 0.135 0.170 0.980 0.236 0.725 0.02 0.140 0.239 0.073 0.114 0.003 0.356 0.354 0.226 0.224 0.100 0.415 0.355 0.125 0.162 0.970 0.224
OUTLINE VERSION SOT171A
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-06-28
March 1993
10
Philips Semiconductors
Product specification
UHF power transistor
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BLV92
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
March 1993
11


▲Up To Search▲   

 
Price & Availability of BLV92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X